Part Number Hot Search : 
PK114 Q100I 1N5606 U20D20 2SK31 D2553 AOW15S65 78L05
Product Description
Full Text Search
 

To Download KTC3880S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2003. 6. 20 1/6 semiconductor technical data KTC3880S epitaxial planar npn transistor revision no : 5 high frequency low noise amplifier application. vhf band amplifier application. features small reverse transfer capacitance : c re =0.7pf(typ.) low noise figure : nf=2.5db(typ.) (f=100mhz). maximum rating (ta=25 ) dim millimeters 1. emitter 2. base 3. collector sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.45+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p7 + _ electrical characteristics (ta=25 ) note : h fe classification r:40 80, o:70 140, y:100 200 h rank type name marking lot no. aq fe characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =18v, i e =0 - - 0.5 a emitter cut-off current i ebo v eb =4v, i c =0 - - 0.5 a dc current gain h fe (note) v ce =6v, i c =1ma 40 - 200 reverse transfer capacitance c re v cb =6v, f=1mhz, i e =0 - 0.7 - pf transition frequency f t v ce =6v, i c =1ma 300 550 - mhz collector-base time constant c c rbb ' v cb =6v, i e =-1ma, f=30mhz - - 30 ps noise figure nf v cc =6v, i e =-1ma, f=100mhz (fig.) - 2.5 5.0 db power gain g pe 15 18 - characteristic symbol rating unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 4 v collector current i c 20 ma emitter current i e -20 ma collector power dissipation p c 150 mw junction temperature t j 150 storage temperature range t stg -55 150
2003. 6. 20 2/6 KTC3880S revision no : 5 input r =50 ? g 0.01 f 2.2k ? 0.01 f 1k ? -v (i =-1ma) e 15pf cc v 0.02 f output r =50 ? l 0.02 f e 1000pf 1000pf l1 6pf l1 : 0.8mm silver plated copper wire, 4turns. 10mm id, 8mm len g th. dut y parameters (typ.) (1) common emitter (v ce =6v, i e =-1ma, f=100mhz) (2) common base (v ce =6v, i e =-1ma, f=100mhz) characteristic symbol typ. unit input conductance g ie 2.9 ms input capacitance c ie 10.2 pf reverse transfer admittance |y re | 0.33 s phase angle of reverse transfer admittance re -90 forward transfer admittance |y fe | 40 ms phase angle of forward transfer admittance fe -20 output conductance g oe 45 s output capacitance c oe 1.1 pf characteristic symbol typ. unit input conductance g ib 34 ms input capacitance c ib -10 pf reverse transfer admittance |y rb | 0.27 s phase angle of reverse transfer admittance rb -105 forward transfer admittance |y fb | 34 ms phase angle of forward transfer admittance fb 165 output conductance g ob 45 s output capacitance c ob 1.1 pf fig. g pe test circuit
2003. 6. 20 3/6 KTC3880S revision no : 5 0.1 0.05 -10 -3 -0.5 -0.2 emitter current i (ma) e -1 common emitter v =6v f=100mhz ta=25 c ce -5 0.3 0.5 1 3 -300 -50 -100 y re re e y , - i re re y (ms) reverse transfer admittance phase angle of reverse transfer re re admittance ( ) 10 5 -10 -3 -0.5 -0.2 -1 common emitter v =6v f=100mhz ta=25 c ce -5 30 50 100 300 1 -10 -3 -0.5 -0.2 emitter current i (ma) e -1 common emitter v =6v f=100mhz ta=25 c ce v =6v ce v =6v ce -5 3 5 10 30 c g ie g oe c oe ie common emitter v =6v ta=25 c ce e ie ie c , g - i input capacitance c (pf) ie input conductance g (ms) ie 4 collector current 0 c 400 600 base current b static characteristics 10 dc current gain h fe 1 0.1 0.3 0.5 collector current i (ma) c h - i 8 12 16 20 200 0 10 20 30 0.8 0.6 0.4 0.2 i (ma) voltage v (v) base-emitter be i ( a) voltage v (v) collector-emitter ce i =50 a b 100 150 200 250 300 350 400 450 500 0 common emitter ta=25 c fe c 35 10 20 30 50 100 300 emitter current i (ma) e e oe oe c , g - i ouput capacitance c (pf) oe ouput conductance g ( s) oe 1 0.5 3 5 10 30
2003. 6. 20 4/6 KTC3880S revision no : 5 100 50 30 -5 -1 e emitter current i (ma) -0.2 -0.5 -3 -10 5 10 -10 -5 -30 -50 -100 rb rb y 1 0.5 0.3 -5 cb ta=25 c f=100mhz v =6v common base -1 e emitter current i (ma) -0.2 -0.5 -3 -10 0.05 0.1 -100 -50 -300 -500 -1k e rb rb y , - i y (ms) reverse transfer admittance phase angle of forward transfer rb rb admittance ( ) fe fe y 100 50 30 -5 ce ta=25 c f=100mhz v =6v common base -1 y (ms) forward transfer admittance fe fe e emitter current i (ma) -0.2 -0.5 -3 -10 5 10 -10 -5 -30 -50 -100 cb ta=25 c f=100mhz v =6v common base e fe fe y , - i phase angle of forward transfer admittance ( ) fb fb y 100 50 30 -5 cb ta=25 c f=100mhz v =6v common base -1 y (ms) forward transfer admittance fb fb e emitter current i (ma) -0.2 -0.5 -3 -10 5 10 100 50 300 500 1k e fb fb y , - i phase angle of forward transfer admittance ( ) ce ie ie c , g - v e ib ib c , g - i input capacitance c (pf) ib input capacitance c (pf) ie input conductance g (ms) ie input conductance g (ms) ib 10 5 -10 -3 -0.5 -0.2 -1 common emitter v =6v f=100mhz ta=25 c cb -5 30 50 100 200 1 0.5 3 5 10 20 g ob c ob c ie g ie c ib g ib emitter current i (ma) e e ob ob c , g - i ouput capacitance c (pf) ob ouput conductance g ( s) ob e ta=25 c f=100mhz i =-1ma common base ce collector-base voltage v (v) 30 10 5 13 1 3 5 10 20
2003. 6. 20 5/6 KTC3880S revision no : 5 10 5 30 50 100 300 g ob c ob cb ib ib c , g - v input capacitance c (pf) ib input conductance g (ms) ib 1 0.5 0.3 30 5 y (ms) reverse transfer admittance re re ce collector-emitter voltage v (v) 1310 0.05 0.1 common emitter i =-1ma f=100mhz ta=25 c e y re re 100 50 300 -100 -5 -10 fe fe y e ta=25 c f=100mhz i =-1ma common emitter 10 5 10 3 1 collector-emitter voltage v (v) ce collector-emitter voltage v (v) ce fe forward transfer admittance y (ms) 530 30 50 100 -30 -50 -100 -5 -10 -30 -50 ce re re y , - v ce fe y , - v fe phase angle of reverse transfer admittance ( ) phase angle of forward transfer fe admittance ( ) 30 5 1310 100 50 30 30 5 1310 5 10 cb ob ob c , g - v ouput capacitance c (pf) ob ouput conductance g ( s) ob 1 0.5 3 5 10 30 cb collector-base voltage v (v) 100 50 30 5 10 1 0.5 3 5 10 ce oe oe c , g - v output capacitance c (pf) oe iouut conductance g ( s) oe c oe c ib g ib g oe e 30 10 30 10 1 collector-base voltage v (v) cb collector-base voltage v (v) cb 3 common base i =-1ma f=100mhz ta=25 c e 50 100 300 y fb fb 5 100 300 cb fb fb y , - v y (ms) forward transfer admittance phase angle of forward transfer fb fb admittance ( ) common base i =-1ma f=100mhz ta=25 c e common base i =-1ma f=100mhz ta=25 c e 10 3 15 30 ta=25 c f=100mhz i =-1ma common emitter
2003. 6. 20 6/6 KTC3880S revision no : 5 y - f re re reverse transfer conductance g ( s) -200 -800 b ( s) re reverse transfer susceptance -160 -120 -80 -40 0 -600 -400 -200 0 -300 -50 e ta=25 c f=100mhz i =-1ma common base cb collector-base voltage v (v) -100 0 0 input susceptance b (ms) ie input conductance g (ms) ie 5 1015202530 4 8 12 16 20 common emitter v =6v ta=25 c ce e i =-1ma f=200mhz 150 100 50 27 10.7 10.7 27 50 100 150 f=200mhz i =-1ma e ce ta=25 c v =6v common emitter 2000 1600 1200 800 400 120 100 80 60 40 20 oe output conductance g ( s) oe output susceptance b ( s) 0 0 27 50 100 150 200 f=10.7mhz e common emitter v =6v i =-1ma ta=25 c ce 0 -10 -20 -30 50 40 30 20 10 forward transfer susceptance fe b (ms) -40 0 forward transfer conductance g (ms) fe rb rb y y - f ie y - f fe y - f oe cb rb rb y , - v y (ms) reverse transfer admittance phase angle of reverse transfer rb rb admittance ( ) i =-1ma e ce ta=25 c v =6v common emitter 0.05 30 10 5 13 0.1 0.3 0.5 1 2 200 150 27 100 50 f=10.7mhz c p (mw) 0 collector power dissipation 0 ambient temperature ta ( c) pc - ta 25 50 75 100 125 150 175 50 100 150 200


▲Up To Search▲   

 
Price & Availability of KTC3880S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X